Part Number Hot Search : 
5801910 SRS2030 L2SA1576 MX7847BQ 1N57436 AN8472SA S1210DS D1608
Product Description
Full Text Search
 

To Download BL-PMHG-GJS-C20 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 AMERICAN BRIGHT OPTOELECTRONICS CORP.
Bi-Color Domiled AlGaAs/GaP BL-PMHG-GJS Series
*
Feature:
1. High brightness bi-color surface mount LED. 2. 120 viewing angle. 3. Small package outline (LxWxH) of 2.8 x 3.2 x 1.9 mm. 4. Qualified according to JEDEC moisture sensitivity Level 2. 5. Compatible to both IR reflow soldering and TTW soldering.
*
Package Dimension:
Recommended Solder Pad
V.3 Page: 1 of 4
AMERICAN BRIGHT OPTOELECTRONICS CORP.
Bi-Color Domiled AlGaAs/GaP BL-PMHG-GJS Series
*
Optical Characteristics:
Color dom (typical, nm) Chip#1 AlGaAs Chip#2 Gap Green 570 11.2 ... 28.5 11.2 ... 18.0 11.2 ... 18.0 18.0 ... 28.5 18.0 ... 28.5 11.2 ... 28.5 11.2 ... 18.0 18.0 ... 28.5 11.2 ... 18.0 18.0 ... 28.5 Luminous Intensity @ If = 20mA . Iv ( mcd ) Chip#1 Chip#2
Part Number
BL-PMHG-GJS-C10 * * * * BIN L BIN L BIN M BIN M L M L M
Hyper Red 640
AlGaAs BL-PMHG-GJS-C20 * * * * BIN N BIN N BIN P BIN P L M L M Hyper Red 640
Gap Green 570 28.5 ... 71.5 28.5 ... 45.0 28.5 ... 45.0 45.0 ... 71.5 45.0 ... 71.5 11.2 ... 28.5 11.2 ... 18.0 18.0 ... 28.5 11.2 ... 18.0 18.0 ... 28.5
NOTE: 1. BL-PMXX comes in a quantity of 2000 units per reel. 2. Luminous intensity is measured with an accuracy of 11%. 3. Half group binning for luminous intensity is also available upon request.
*
Electrical Characteristics
Vf at If = 20mA Typ. Max 2.5 2.5 2.2 1.9 Viewing Angle 120
Color Hyper Red Green
*
Absolute Maximum Ratings:
Maximum Value 30 1000 Unit mA mA
Parameter DC forward current. Peak pulse current. (tp 10 s, Duty cycle = 0.005) Reverse voltage. LED junction temperature. Operating temperature. Storage temperature.
5 125 -55 ... +100 -55 ... +100
V C C C
V.3 Page: 2 of 4
AMERICAN BRIGHT OPTOELECTRONICS CORP.
Bi-Color Domiled AlGaAs/GaP BL-PMHG-GJS Series
*
Wavelength Grouping:
Color Green Group Full W X Y Z Hyper Red Full Wavelength distribution (nm) 564.5 - 576.5 564.5 - 567.5 567.5 - 570.5 570.5 - 573.5 573.5 - 576.5 640 - 650
Wavelength is measured with an accuracy of 1 nm.
*
Typical electro-optical characteristics curves:
Fig. 2 Forward current vs. forward voltage.
Forward Current vs. Forward Voltage
Fig. 1 Relative luminous intensity vs. forward current.
Intensity vs. DC Forward Current
Relative intensity. Normalized at 20 mA.
2.2 2
40 35
Forward Current (mA)
1.8 1.6 1.4 1.2 1 0.8 0.6 0.4 0.2 0 0 10 20 30 40 50 60 FORWARD CURRENT (mA)
30 25
AlGaAs
20
GaP
15 10 5 0 1.0 1.2 1.4 1.6 1.8 2.0 2.2 2.4 2.6
Forward Voltage (V)
Fig. 3 Radiation pattern.
30 20 10 0
1.0
Fig. 4 Maximum forward current vs. temperature.
35
30
40
0.8
Forward Current, If
25
50
0.6
20
15
60 70 80
0.4
10
0.2
5
0
90
0
10
20
30
40
50
60
70
80
85
Ambient Temperature
V.3 Page: 3 of 4
AMERICAN BRIGHT OPTOELECTRONICS CORP.
Bi-Color Domiled AlGaAs/GaP BL-PMHG-GJS Series
*
Taping And Orientation.
Reels come in quantity of 2000 units. Reel diameters 180 mm.
V.3 Page: 4 of 4


▲Up To Search▲   

 
Price & Availability of BL-PMHG-GJS-C20

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X